Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download 2SB1570 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (7 0 ) E
Darlington
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SB1570 -160 -150 -5 -12 -1 150(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SB1570
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=-160V VEB=-5V IC=-30mA VCE=-4V, IC=-7A IC=-7A, IB=-7mA IC=-7A, IB=-7mA VCE=-12V, IE=2A VCB=-10V, f=1MHz 2SB1570 -100max -100max -150min 5000min -2.5max -3.0max 50typ 230typ V V MHz pF
20.0min 4.0max
B
Equivalent circuit
C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2401)
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions MT-200
36.40.3 24.40.2 2-o3.20.1 9 7 21.40.3 2.1 6.00.2
A A
V
a b
2 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 3.0 +0.3 -0.1
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -70 RL () 10 IC (A) -7 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -7 IB2 (mA) 7 ton (s) 0.8typ tstg (s) 3.0typ tf (s) 1.2typ
Weight : Approx 18.4g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -12
VCE( sat ) - IB Characteristics (Typical)
-3
I C - V BE Temperature Characteristics (Typical)
-12 (VCE=-4V)
0 -1
-10 Collector Current I C( A)
m
A
-2 .0 m A
-2 .0m A
-1.5 mA
-10 Collector Current I C( A)
-8
-1.2m A
-2
-8
-1.0 mA
-6
-0.8m A
-10A -7A IC=-5A -1
-6
mp) e Te (Cas
-4
125C
(Cas 25C
-2
-2
0
0
-2
-4
-6
0 -0.2
-0.5 -1
-5
-10
-50 -100 -200
0
0
-1
-30C
(Case
IB=-0.4mA
-4
e Te
mp) Temp )
-0.6mA
-2
-2.5
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
Base-Emittor Voltage V B E( V)
(V C E= -4V) 40,000 D C Cur r ent Gai n h F E D C Cur r ent Gai n h F E 50000 125C
(V C E= -4V)
j- a( C/W)
hFE - IC Characteristics (Typical)
h FE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
2
Transient Thermal Resistance
Typ
25C 10000 -30C 5000
1
10,000 5,000
0.5
0.1
1,000 -0.2
-0.5
-1 Collector Current I C( A)
-5
-10-12
1000 800 -0.2
-0.5
-1 Collector Current I C( A)
-5
-10 -12
1
5
10
50
100
500 1000
2000
Time t(ms)
f T - IE Characteristics (Typical)
(VCE=-12V) 100 -30
Safe Operating Area (Single Pulse)
160
P c - T a Derating
Cut- off F re quen cy f T( MH Z)
80 Collecto r Cur rent I C( A)
-10 -5
10
m
s
0m
M aximu m Power Dissip ation P C( W)
10
DC
s
120
W ith In fin
60
Typ
ite he
-1 -0.5 Without Heatsink Natural Cooling -0.1
80
at si nk
40
40
20
0 0.02
0.05 0.1
0.5
1
5
10
-0.05 -3
-5
-10
-50
-100
-200
5 0
Without Heatsink 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
48


▲Up To Search▲   

 
Price & Availability of 2SB1570

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X